Part Number Hot Search : 
B1517 70246 06M16A P40NF TD623 BU401 KBU4005G 30000
Product Description
Full Text Search
 

To Download TQL9093 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TQL9093 ultra low noise, flat gain lna advanced datasheet: rev d 2 - 24 - 1 6 - 1 of 9 - disclaimer: subject to change without notice ? 201 6 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo product features ? ? ? ? ? ? dd ? ? ? ? ? functional block diagram general description the TQL9093 is a flat - gain, high - linearity, ultra - low noise amplifier in a small 2 x 2 mm surface - mount package. the lna provides a gain flatness of 2 db (peak - to - peak) over a wide bandwidth from 1.5 to 4 ghz. at 2.6 ghz, the amplifier typically provides 20 db gain, + 41.5 dbm oip3 at a 120 ma bias setting , and 0. 6 db noise figure. th e lna can be biased from a single positive supply ranging from 3.3 to 5 volts. the device is housed in a green/rohs - compliant industry - standard 2x2 mm package. the TQL9093 is internally matched using a high performance e - phemt process and only requires five external components for operati on from a single positive supply: an external rf choke and blocking/bypass capacitors and a bias resistor going to pin 1 . this lna integrates a shut - down biasing capability to allow for operation in tdd applications. the TQL9093 is optimized for linear p erformance across the 1.5 to 4 ghz frequency band but can operate down to 600 mhz. pin configuration pin no. label 1 vbias 3, 4, 5, 8 no connect or gnd 2 rf in 6 shut d own 7 rf out backside paddle rf/dc gnd ordering information part no. description TQL9093 ultra low noise, flat gain lna TQL9093 - pcb 0.6 - 4.2 ghz evaluation board standard t/r size = 25 00 pieces on a 7 reel applications ? ? ? ? ? 8 pin 2x2 mm dfn package b a c k s i d e p a d d l e - r f / d c g n d p i n 1 r e f e r e n c e m a r k 8 7 6 5 1 2 3 4 n c r f o u t s h u t d o w n n c v b i a s r f i n n c n c
TQL9093 ultra low noise, flat gain lna advanced datasheet: rev d 2 - 24 - 1 6 - 2 of 9 - disclaimer: subject to change without notice ? 201 6 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo recommended operating conditions parameter min typ max units supply voltage (v dd ) 3.3 5.0 5.25 v t case ? 6 hours mttf + 190 c electrical specifications are measured at specified test conditions. specifications are not guaranteed over all recommended operating conditions. absolute maximum ratings parameter rating storage temperature ? dd ) + 7 v rf input power, cw, 50, t=25 operation of this device outside the parameter ranges given above may cause permanent damage. electrical specifications test conditions unless otherwise noted: v dd = +5v, temp = +25c, 50 system . parameter conditions min typ max units operational frequency range 6 00 4 2 00 mhz test frequency 2600 mhz gain 19.9 db gain flatness 1500 - 40 00mhz 2.0 db input return loss 1 4 db output return loss 1 4.5 db noise figure (1) 0. 67 db output p1db + 21.7 dbm output ip3 pout=+ 5 dbm/tone, f=1 mhz dd v current, i dd on state 120 ma off state (power down) 4 ma shutdown pin current, i sd v pd thermal resistance, jc channel to case 44 c/w note: 1) noise figure data has input trace loss de - embedded.
TQL9093 ultra low noise, flat gain lna advanced datasheet: rev d 2 - 24 - 1 6 - 3 of 9 - disclaimer: subject to change without notice ? 201 6 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo s - parameters test conditions: v dd = +5 v, i dd = 120 ma (typ.), t= +25 c, unmatched 50 ohm system, calibrated to device leads freq (ghz) s11 ( db ) s11 (ang) s21 ( db ) s21 (ang) s12 ( db ) s12 (ang) s22 ( db ) s22 (ang) 0.6 - 8.86 - 139.90 22.74 78.61 - 31.50 39.70 - 13.38 64.84 0.7 - 10.03 - 150.92 21.91 63.87 - 30.56 31.41 - 15.86 54.42 0.8 - 11.16 - 160.19 21.18 50.66 - 29.82 23.53 - 18.47 45.38 0.9 - 12.30 - 167.88 20.55 38.60 - 29.22 16.00 - 21.30 37.43 1 - 13.47 - 174.08 20.00 27.41 - 28.74 8.73 - 24.56 30.37 1.1 - 14.68 - 178.79 19.54 16.90 - 28.34 1.70 - 28.65 23.93 1.2 - 15.95 178.14 19.16 6.93 - 28.02 - 5.13 - 34.78 17.33 1.3 - 17.27 176.97 18.84 - 2.59 - 27.77 - 11.79 - 53.16 - 8.30 1.4 - 18.61 178.14 18.59 - 11.76 - 27.57 - 18.31 - 38.00 - 164.49 1.5 - 19.88 - 177.81 18.38 - 20.63 - 27.41 - 24.71 - 31.62 - 170.37 1.6 - 20.90 - 170.59 18.23 - 29.26 - 27.30 - 31.03 - 28.04 - 174.65 1.7 - 21.40 - 160.85 18.12 - 37.70 - 27.22 - 37.28 - 25.46 - 178.62 1.8 - 21.22 - 150.56 18.05 - 45.99 - 27.17 - 43.48 - 23.37 177.38 1.9 - 20.46 - 141.99 18.01 - 54.16 - 27.16 - 49.67 - 21.56 173.19 2 - 19.37 - 136.18 18.01 - 62.25 - 27.18 - 55.86 - 19.93 168.70 2.1 - 18.17 - 133.02 18.04 - 70.28 - 27.22 - 62.08 - 18.42 163.85 2.2 - 16.98 - 131.95 18.09 - 78.29 - 27.30 - 68.34 - 17.00 158.61 2.3 - 15.86 - 132.43 18.16 - 86.29 - 27.42 - 74.67 - 15.66 152.97 2.4 - 14.82 - 134.07 18.26 - 94.33 - 27.56 - 81.10 - 14.38 146.93 2.5 - 13.85 - 136.59 18.37 - 102.41 - 27.75 - 87.65 - 13.16 140.50 2.6 - 12.96 - 139.82 18.50 - 110.56 - 27.98 - 94.34 - 11.99 133.68 2.7 - 12.14 - 143.64 18.64 - 118.81 - 28.27 - 101.20 - 10.88 126.50 2.8 - 11.39 - 147.97 18.78 - 127.18 - 28.61 - 108.26 - 9.81 118.95 2.9 - 10.69 - 152.76 18.92 - 135.68 - 29.02 - 115.55 - 8.80 111.05 3 - 10.06 - 157.97 19.06 - 144.32 - 29.52 - 123.10 - 7.84 102.80 3.1 - 9.48 - 163.59 19.20 - 153.12 - 30.12 - 130.93 - 6.93 94.23 3.2 - 8.96 - 169.58 19.31 - 162.07 - 30.84 - 139.11 - 6.08 85.35 3.3 - 8.50 - 175.91 19.41 - 171.17 - 31.72 - 147.67 - 5.29 76.17 3.4 - 8.11 177.42 19.47 179.59 - 32.77 - 156.70 - 4.57 66.73 3.5 - 7.77 170.47 19.51 170.24 - 34.06 - 166.35 - 3.91 57.07 3.6 - 7.50 163.28 19.50 160.81 - 35.66 - 176.88 - 3.32 47.23 3.7 - 7.29 155.88 19.46 151.35 - 37.66 171.13 - 2.81 37.25 3.8 - 7.14 148.34 19.37 141.90 - 40.23 156.33 - 2.37 27.20 3.9 - 7.05 140.71 19.23 132.51 - 43.53 135.06 - 1.99 17.13 4 - 7.02 133.03 19.05 123.24 - 46.99 97.87 - 1.69 7.10 4.1 - 7.03 125.37 18.83 114.11 - 47.01 45.50 - 1.45 - 2.86 4.2 - 7.08 117.75 18.58 105.17 - 43.87 10.27 - 1.27 - 12.69
TQL9093 ultra low noise, flat gain lna advanced datasheet: rev d 2 - 24 - 1 6 - 4 of 9 - disclaimer: subject to change without notice ? 201 6 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo noise parameters test conditions unless otherwise noted: v dd =+5 v, i dd = 120 ma (typ.), temp=+25c, 50 ohm system freq (ghz) nf min (db) gamma opt (mag) gamma opt (deg) rn ( ) 1.5 0.50 0.07 4.37 3.50 1.6 0.47 0.06 19.31 3.18 1.7 0.46 0.07 37.40 3.22 1.8 0.48 0.05 32.41 3.47 1.9 0.47 0.06 66.76 3.15 2 0.47 0.06 74.72 3.28 2.1 0.50 0.06 68.71 3.46 2.2 0.53 0.06 96.07 3.20 2.3 0.55 0.07 122.98 3.12 2.4 0.59 0.26 40.10 5.04 2.5 0.58 0.09 152.96 3.11 2.6 0.59 0.09 172.99 2.90 2.7 0.61 0.10 170.84 3.08 2.8 0.62 0.14 - 179.62 2.80 2.9 0.63 0.16 - 162.35 2.80 3 0.65 0.17 - 160.56 3.00 3.1 0.67 0.20 - 168.07 2.57 3.2 0.68 0.23 - 159.49 2.62 3.3 0.68 0.25 - 145.84 2.83 3.4 0.71 0.27 - 144.78 2.89 3.5 0.73 0.31 - 134.10 3.67 3.6 0.73 0.28 - 134.75 3.37 3.7 0.73 0.31 - 122.22 4.03 3.8 0.76 0.40 - 106.08 7.09 3.9 0.77 0.45 - 123.38 3.37 4 0.79 0.42 - 125.62 3.60
TQL9093 ultra low noise, flat gain lna advanced datasheet: rev d 2 - 24 - 1 6 - 5 of 9 - disclaimer: subject to change without notice ? 201 6 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo TQL9093 - pcb evaluation board notes: 1. see evaluation board pcb information section for material and stack - up. 2. r3 (0 jumper) is not shown on the schematic and may be replaced with copper trace in the target application layout. 3. all components are of 0402 size unless stated on the schematic. 4. for tdd applications: r1 = 20k & r2 = 0? 5. for fdd applications: r1 = 20k or pin 6 tied to ground. r2 = dnp/omitted 6. a through line is included on the evaluation board to de - embed the board losses. 7. r4 sets the current draw. can be changed for the desired bias point. see table below. bill of material C TQL9093 - pcb reference des. value description manuf. part number n/a n/a printed circuit board qorvo u1 n/a ultra low noise, flat gain lna qorvo TQL9093 r4 3k resistor, chip, 0402, 5%, 1/16w various r1 20k resistor, chip, 0402, 5%, 1/16w various r2, 3 0 resistor, chip, 0402, 5%, 1/16w various l1 18 nh inductor, coil, 0603, 5% coilcraft 0603cs - 18nxjl c4 1.0 uf cap., chip, 0402, 10%, 10v, x5r various c1, c2, c5, c6 100 pf cap., chip, 0402, 5%, 50v, npo/cog various c3 1000 pf cap, chip, 0402 various see notes 4 & 5. l 1 c 3 j 4 j 3 j 1 j 2 c 4 r 2 u 1 c 6 c 5 j 6 j 7 j 5 c 1 c 2 r 3 r 4 c 7 r 1 q 1 j 2 r f o u t p u t j 4 g n d j 3 v d d 2 3 , 4 , 5 , 8 7 j 1 r f i n p u t l 1 1 8 n h ( 0 6 0 3 ) c 2 1 0 0 p f c 1 1 0 0 p f c 3 1 0 0 0 p f c 4 1 u f r 2 0 ? r 1 2 0 k j 5 p d 6 r 4 c 7 1 0 0 p f 1
TQL9093 ultra low noise, flat gain lna advanced datasheet: rev d 2 - 24 - 1 6 - 6 of 9 - disclaimer: subject to change without notice ? 201 6 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo typical performance C TQL9093 - pcb test conditions unless otherwise noted: v d d = +5 v, i dd = 120 ma (typ.), temp = +25c parameter conditions typical values units frequency 900 1950 2600 3500 4200 mhz gain 21.6 19.4 19.9 20.9 19.6 db input return loss 10.8 16.5 14 11.5 9.7 db output return loss 20 23 14.5 7.6 6.7 db output p1db +17.6 +22.2 +21.7 +22 +21.8 dbm oip3 pout=+ 5 dbm/tone, ?f= (1) 0.54 0.54 0.67 0.67 0.91 db note: 1) noise figure data has input trace loss de - embedded. performance plots C TQL9093 - pcb test conditions unless otherwise noted: v dd = +5 v, i dd = 120 ma, temp = +25c . noise figure data has input trace loss de - embedded. 15 16 17 18 19 20 21 22 23 24 25 26 27 0 500 1000 1500 2000 2500 3000 3500 4000 4500 gain (db) frequency (mhz) gain vs. frequency +105 c +25 c ?40 c -30 -25 -20 -15 -10 -5 0 0 500 1000 1500 2000 2500 3000 3500 4000 4500 input return loss (db) frequency (mhz) input return loss vs. frequency +105 c +25 c ?40 c -30 -25 -20 -15 -10 -5 0 0 500 1000 1500 2000 2500 3000 3500 4000 4500 output return loss (db) frequency (mhz) output return loss vs. frequency +105 c +25 c ?40 c 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.7 1.4 2.1 2.8 3.5 4.2 noise figure (db) frequency (ghz) noise figure vs frequency 30 35 40 45 500 1000 1500 2000 2500 3000 3500 4000 4500 oip3 (dbm) frequency (mhz) oip3 vs frequency +105 c +25 c ?40 c 30 35 40 45 -3 -2 -1 0 1 2 3 4 5 6 7 oip3 (dbm) pout/tone (dbm) oip3 vs pout/tone 700mhz 900 mhz 1300 mhz 1500 mhz 1950 mhz 2600 mhz 3500 mhz 3800 mhz 4200 mhz 15 17 19 21 23 25 500 1000 1500 2000 2500 3000 3500 4000 4500 p1db (dbm) frequency (mhz) p1db vs frequency +105 c +25 c ?40 c 0 4 8 12 16 20 24 28 -40 -30 -20 -10 0 10 20 30 -10 -5 0 5 10 15 20 25 30 35 idd (ma) gain (db) input power (dbm) off state gain & idd vs pin gain idd
TQL9093 ultra low noise, flat gain lna advanced datasheet: rev d 2 - 24 - 1 6 - 7 of 9 - disclaimer: subject to change without notice ? 201 6 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo pin configuration and description pin no. label description 1 vbias sets the icq bias point for the device. 2 rf i n rf input pin. a dc block is required. 6 shut d own a high voltage (>1.17v) turns off the device. if the pin is pulled to ground or driven with a voltage less than 0.63 v, then the device will operate under lna on state. 7 rf o ut / dc b ias rf output pin. dc bias will also need to be injected through a rf bias choke/inductor for operation. 3, 4, 5, 8 n c no electrical connection. provide grounded land pads for pcb mounting integrity. backside paddle rf/dc gnd rf/dc ground. use recommended via pattern to minimize inductance and thermal resistance; see pcb mounting pattern for suggested footprint. evaluation board pcb information qorvo pcb 1128449 material and stack - up 50 ohm line dimensions: width = 0.020, spacing = 0.032 b a c k s i d e p a d d l e - r f / d c g n d p i n 1 r e f e r e n c e m a r k 8 7 6 5 1 2 3 4 n c r f o u t s h u t d o w n n c v b i a s r f i n n c n c 1 o z . c u b o t t o m l a y e r r o g e r s 4 3 5 0 b r o g e r s 4 4 5 0 f r o g e r s 4 3 5 0 b r = 3 . 7 t y p . 1 o z . c u t o p l a y e r 1 o z . c u i n n e r l a y e r 1 o z . c u i n n e r l a y e r 0 . 0 1 0 " 0 . 0 1 0 " 0 . 0 6 2 " 0 . 0 0 6 " f i n i s h e d b o a r d t h i c k n e s s
TQL9093 ultra low noise, flat gain lna advanced datasheet: rev d 2 - 24 - 1 6 - 8 of 9 - disclaimer: subject to change without notice ? 201 6 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo mechanical information package marking and dimensions marking: part number C C n otes : 1. all dimensions are in millimeters. angles are in degrees. 2. except where noted, this part outline conforms to jedec standard mo - 220, issue e (variation vggc) for thermally enhanced plastic very thin fine pitch quad flat no lead package (qfn). 3. dimension and tolerance formats conform to asme y14.4m - 19 94. 4. the terminal #1 identifier and terminal numbering conform to jesd 95 - 1 spp - 012. pcb mounting pattern n otes : 1. all dimensions are in millimeters. angles are in degrees. 2. use 1 oz. copper minimum for top and bottom layer metal. 3. vias are required under the backside paddle of this device for proper rf/dc grounding and thermal dissipation. we recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25 mm (0.10). 4. ensure good packag e backside paddle solder attach for reliable operation and best electrical performance. 909 3 xxxx
TQL9093 ultra low noise, flat gain lna advanced datasheet: rev d 2 - 24 - 1 6 - 9 of 9 - disclaimer: subject to change without notice ? 201 6 triquint semiconductor, inc www.triquint.com \ www. qorvo .com rfmd + triquint = qorvo product compliance information esd sensitivity ratings caution! esd - sensitive device esd rating: class 1b value: 500v to <1000v test: human body model (hbm) standard: jedec standard jesd22 - a114 esd rating: class c3 value: >1000v test: charged device model (cdm) standard: jedec standard jesd22 - c101 solderability compatible with both lead - free (260 c max. reflow temperature) and tin/lead (245 c max. reflow temperature) soldering processes. contact plating: nipdau rohs compliance this part is compliant with eu 2002/95/ec rohs directive (restrictions on the use of certain hazardous substances in electrical and electronic equipment). this prod uct also has the following attributes: ? ? ? ? 15 h 12 br 4 0 2 ) free ? ? msl rating msl rating : level 1 test: 260c convection reflow standard: jedec standard ipc/jedec j - std - 020 contact information for the latest specifications, additional product information, worldwide sales and distribution locations : web: www.triquint.com tel: 8 77 - 800 - 8584 email: customer.support@qorvo.com for information about the merger of rfmd and triquint as qorvo: web: www.qorvo.com for technical questions and application information: email: sjcapplications.engineering@qorvo.com important notice the information contained herein is believed to be reliable. qorvo makes no warranties regarding the information contained herein. qorvo assumes no responsibility or liability whatsoever for any of the information contained herein. qorvo assumes no responsibility or liability whatsoever for the use of the information c ontained herein. the information contained herein is provided "as is, where is" and with all faults, and the entire risk associated with such information is entirely with the user. all information contained herein is subject to change without notice. cu stomers should obtain and verify the latest relevant information before placing orders for qorvo products. the information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by such information. qorvo products are not warranted or authorized for use as critical components in medical, life - saving, or life - sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.


▲Up To Search▲   

 
Price & Availability of TQL9093

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X